Part Number Hot Search : 
P102G 5HDXXX 2N2ST ZTTCSMX 13007 HDM16216 HDM16216 VB270L
Product Description
Full Text Search
 

To Download SFI9630TLTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  avalanche rugged technology rugged gate oxide technology lower input capacitance improved gate charge extended safe operating area lower leakage current : 10 m a (max.) @ v ds = -200v low r ds(on) : 0.581 w (typ.) advanced power mosfet thermal resistance junction-to-case junction-to-ambient junction-to-ambient r q jc r q ja r q ja o c/w characteristic max. units symbol typ. features d 2 -pak 1. gate 2. drain 3. source 1 3 2 1 2 3 i 2 -pak * * when mounted on the minimum pad size recommended (pcb mount). absolute maximum ratings drain-to-source voltage continuous drain current (t c =25 o c) continuous drain current (t c =100 o c) drain current-pulsed gate-to-source voltage single pulsed avalanche energy avalanche current repetitive avalanche energy peak diode recovery dv/dt total power dissipation (t a =25 o c) total power dissipation (t c =25 o c) linear derating factor operating junction and storage temperature range maximum lead temp. for soldering purposes, 1/8 ? from case for 5-seconds characteristic value units symbol i dm v gs e as i ar e ar dv/dt p d i d t j , t stg t l a v mj a mj v/ns w w w/ o c a o c v dss v * sfw/i9630 bv dss = -200 v r ds(on) = 0.8 w i d = -6.5 a -200 -6.5 -4.0 -26 563 -6.5 7.0 -5.0 3.1 70 0.56 - 55 to +150 300 1.79 40 62.5 -- -- -- o 1 o 2 o 3 o 1 o 1 30 + _ ?1999 fairchild semiconductor corporation rev. b
p-channel power mosfet electrical characteristics (t c =25 o c unless otherwise specified) drain-source breakdown voltage breakdown voltage temp. coeff. gate threshold voltage gate-source leakage , forward gate-source leakage , reverse characteristic symbol max. units typ. min. test condition static drain-source on-state resistance forward transconductance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain( ? miller ? ) charge g fs c iss c oss c rss t d(on) t r t d(off) t f q g q gs q gd bv dss d bv/ d t j v gs(th) r ds(on) i gss i dss v v/ o c v na m a w w pf ns nc -- -- -- -- -- -- -- -- -- -- -- -- -- v gs =0v,i d =-250 m a i d =-250 m a see fig 7 v ds =-5v,i d =-250 m a v gs =-30v v gs =30v v ds =-200v v ds =-160v,t c =125 o c v gs =-10v,i d =-3.3a v ds =-40v,i d =-3.3a v dd =-100v,i d =-6.5a, r g =12 w see fig 13 v ds =-160v,v gs =-10v, i d =-6.5a see fig 6 & fig 12 drain-to-source leakage current v gs =0v,v ds =-25v,f =1mhz see fig 5 source-drain diode ratings and characteristics continuous source current pulsed-source current diode forward voltage reverse recovery time reverse recovery charge i s i sm v sd t rr q rr characteristic symbol max. units typ. min. test condition -- -- -- -- -- a v ns m c integral reverse pn-diode in the mosfet t j =25 o c,i s =-6.5a,v gs =0v t j =25 o c,i f =-6.5a di f /dt=100a/ m s o 4 o 4 o 5 o 4 o 4 o 5 o 4 o 1 o 4 sfw/i9630 -200 -- -2.0 -- -- -- -- -- -0.17 -- -- -- -- -- 125 49 14 22 41 17 29 5.8 13.6 -- -- -4.0 -100 100 -10 -100 0.8 -- 965 185 75 35 55 90 45 36 -- -- 4.2 740 -- -- -- 160 0.96 -6.5 -26 -5.0 -- -- notes ; repetitive rating : pulse width limited by maximum junction temperature l=20mh, i as =-6.5a, v dd =-50v, r g =27 w * , starting t j =25 o c i sd -6.5a, di/dt 400a/ m s, v dd bv dss , starting t j =25 o c pulse test : pulse width = 250 m s, duty cycle 2% essentially independent of operating temperature o 1 o 2 o 3 o 4 o 5 < _ < _ < _ < _
p-channel power mosfet fig 1. output characteristics fig 2. transfer characteristics fig 6. gate charge vs. gate-source voltage fig 5. capacitance vs. drain-source voltage fig 4. source-drain diode forward voltage fig 3. on-resistance vs. drain current sfw/i9630 10 -1 10 0 10 1 10 -1 10 0 10 1 @ notes : 1. 250 m s pulse test 2. t c = 25 o c v gs top : - 15 v - 10 v - 8.0 v - 7.0 v - 6.0 v - 5.5 v - 5.0 v bottom : - 4.5 v -i d , drain current [a] -v ds , drain-source voltage [v] 2 4 6 8 10 10 -1 10 0 10 1 25 o c 150 o c - 55 o c @ notes : 1. v gs = 0 v 2. v ds = -40 v 3. 250 m s pulse test -i d , drain current [a] -v gs , gate-source voltage [v] 0 4 8 12 16 20 24 0.0 0.5 1.0 1.5 2.0 2.5 @ note : t j = 25 o c v gs = -20 v v gs = -10 v r ds(on) , [ w ] drain-source on-resistance -i d , drain current [a] 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 10 -1 10 0 10 1 150 o c 25 o c @ notes : 1. v gs = 0 v 2. 250 m s pulse test -i dr , reverse drain current [a] -v sd , source-drain voltage [v] 0 5 10 15 20 25 30 0 5 10 v ds = -160 v v ds = -100 v v ds = -40 v @ notes : i d =-6.5 a -v gs , gate-source voltage [v] q g , total gate charge [nc] 10 0 10 1 0 500 1000 1500 c iss = c gs + c gd ( c ds = shorted ) c oss = c ds + c gd c rss = c gd @ notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] -v ds , drain-source voltage [v]
p-channel power mosfet fig 7. breakdown voltage vs. temperature fig 8. on-resistance vs. temperature fig 11. thermal response fig 10. max. drain current vs. case temperature fig 9. max. safe operating area p dm . t 1. t 2. sfw/i9630 -75 -50 -25 0 25 50 75 100 125 150 175 0.0 0.5 1.0 1.5 2.0 2.5 3.0 @ notes : 1. v gs = -10 v 2. i d = -3.3 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 ms dc 1 ms 0.1 ms @ notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse operation in this area is limited by r ds(on) -i d , drain current [a] -v ds , drain-source voltage [v] -75 -50 -25 0 25 50 75 100 125 150 175 0.8 0.9 1.0 1.1 1.2 @ notes : 1. v gs = 0 v 2. i d = -250 m a -bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] 25 50 75 100 125 150 0 2 4 6 8 -i d , drain current [a] t c , case temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 single pulse 0.2 0.1 0.01 0.02 0.05 d=0.5 @ notes : 1. z q jc (t)=1.79 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm -t c =p dm *z q jc (t) z q jc (t) , thermal response t 1 , square wave pulse duration [sec]
p-channel power mosfet fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as = l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v out 10% 90% t d(on) t r t on t off t d(off) t f charge v gs -10v q g q gs q gd vary t p to obtain required peak i d -10v v dd c l l v ds i d r g t p dut bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) -10v v out v in r l dut r g -3ma v gs current sampling (i g ) resistor current sampling (i d ) resistor dut v ds 300nf 50k w 200nf 12v same type as dut ? current regulator ? r 1 r 2 sfw/i9630
p-channel power mosfet fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + -- l i s driver v gs r g compliment of dut (n-channel) v gs ? dv/dt controlled by ?r g ? ? i s controlled by duty factor ?d? v dd 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- sfw/i9630
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: isoplanar? microwire? pop? powertrench? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 tinylogic? 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. uhc? vcx?
product folder - fairchild p/n sfi9630 - 200v p-channel a-fet fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company sfi9630 200v p-channel a-fet related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents product status/pricing/packaging space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version product status/pricing/packaging product product status pricing* package type leads packing method sfi9630tu full production $0.75 to-262(i2pak) 3 rail SFI9630TLTU full production $0.75 to-262(i2pak) 3 rail * 1,000 piece budgetary pricing back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space file:///c|/pdf/sfi9630.html [27-jul-02 2:11:19 pm]
product folder - fairchild p/n sfw9630 - 200v p-channel a-fet fairchild semiconductor space space space search | parametric | cross reference space product folders and datasheets application notes space space space find products home >> find products >> space space space space products groups space analog and mixed signal discrete interface logic microcontrollers non-volatile memory optoelectronics markets and applications new products product selection and parametric search cross-reference search technical information buy products technical support my fairchild company sfw9630 200v p-channel a-fet related links request samples dotted line how to order products dotted line product change notices (pcns) dotted line support dotted line distributor and field sales representatives dotted line quality and reliability dotted line design tools contents product status/pricing/packaging space datasheet download this datasheet pdf e-mail this datasheet [e- mail] this page print version product status/pricing/packaging product product status pricing* package type leads packing method sfw9630tm full production $0.75 to-263(d2pak) 2 tape reel * 1,000 piece budgetary pricing back to top space space home | find products | technical information | buy products | support | company | contact us | site index | privacy policy ? copyright 2002 fairchild semiconductor space space file:///c|/pdf/sfw9630.html [27-jul-02 2:11:20 pm]


▲Up To Search▲   

 
Price & Availability of SFI9630TLTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X